Part Number Hot Search : 
BAT720 24C01 50N60 TA0310 91000 A12010 B102V68 14002
Product Description
Full Text Search
 

To Download 10901G-EU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  system 10000 rack mount chassis and power supply satcom features system 10000 rack mount chassis & power supply this chassis accepts a universal ac input power supply and a diode or?ed dc output. each chassis supports up to eight plug-in modules and two power supplies.the eight module plug-in slots report the discrete alarm and monitoring outputs from its associated module, the power supply status is reported via a form ?c? relay. the system 10000 is a completely modular hot-swappable insert card- based platform. the 19? rack-mount enclosure model 10990a, can support up to 8 insert cards, the chassis utilizes the 10901g universal dc power supply in either a single or a dual-redundant, hot-swappable con- ? guration. the system 10000 family?s existing wide range of rf, switching and data transport products result in an extremely capable, yet conveniently ? exible, signal transport system. fits all system 10000 modules ? hot swappable redundant power supplies ? 8 slots available ? redundant power supply option ? universal ac power 120 / 240 vac, 50 / 60 hz ? ordering information 10990a chassis, rack mount, 8 slot, 3ru 10901g-na 10901g-uk 10901G-EU power supply, 120 / 240 vac, (north american power cord) power supply, 120 / 240 vac, (uk power cord) power supply, 120 / 240 vac, (european power cord) copyright ?2009 emcore corporation 626 293 3400 626 293 3428 satcom-sales@emcore.com ww w.emcore.com
mechanical speci cations rev: january 19, 2010 parameter min typ. max units operating temperature -10 -- +55 deg c storage temperature -45 -- +85 deg c humidity - non condensing -- 95 -- % environmental characteristics backplane connector mating connector (supplied) mating connector pins (not supplied) p11 - p18 5148-025 5231-001 p19 5148-004 5231-001 p20 5148-026 5231-004 chassis interface pin plug-in pin chassis pin connector function 61 5 see plug-in unit manual 72 4 see plug-in unit manual 8 3 3 see plug-in unit manual 9 4 2 see plug-in unit manual 5 1 no connection p11 - p18 (unit interface) pin chassis pin connector function 1 8 no connection 2 7 no connection 3 6 auxiliary power supply fail (no) 4 5 auxiliary power supply fail (common) 5 4 auxiliary power supply fail (nc) 6 3 main power supply fail (common) 7 2 main power supply fail (nc) 8 1 main power supply fail (no) p19 (chassis alarm) pin function 1 +5 vdc 2 +15 vdc 3 -15 vdc 4 ground p20 ( power supply monitor) copyright ?2009 emcore corporation 626 293 3400 626 293 3428 satcom-sales@emcore.com ww w.emcore.com chassis min typ. max units dimensions -- 19? x 5.25 x 12 -- inches weight -- 2.0 -- lbs power supply min typ. max units ac power 84 -- 264 vac frequency 50 -- 60 hz wattage -- 60 -- watts operating temperature -10 -- 50 deg c weight -- 2.0 -- lbs fuse rating -- 5.0 -- amps +5 vdc -- -- 6.0 amps +15 vdc -- -- 2.0 amps -15 vdc -- -- 0.8 amps satcom mechanical outline


▲Up To Search▲   

 
Price & Availability of 10901G-EU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X